|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
High Frequency Ceramic Solutions 2.45 GHz Band Pass Filter Detail Specification: 08/12/08 General Specifications Part Number Frequency (MHz) Insertion Loss Return Loss Attenuation (min.) Attenuation (min.) Attenuation (min.) Attenuation (min.) Attenuation (min.) 2450BP39F100A 2400 - 2500 2.4 dB max. 9.5 dB min. 880 ~ 915MHz 1710 ~ 1990MHz 2110 ~ 2170MHz 4800 ~ 5000MHz 7200 ~ 7500MHz 45 dB 48 dB 20 dB 30 dB 36 dB Input Power Impedance Operating Temperature Storage Temperature Storage Period 500 mW max. 50 -40 to +85C +5 to +35C, Humidity 45-75%RH 12 months max* P/N 2450BP39F100A Page 1 of 2 * - 1 yr shelf life in bag; 1 week shelf life out of bag; Vacuum reseal unused reel Terminal Configuration No. 1 2 Function GND OUT GND IN 1 Mechanical Dimensions In L W T a b c 0.098 0.008 0.079 0.008 0.037 0.004 0.012 0.008 0.024 0.008 0.012 0.008 mm 2.50 0.20 2.00 0.20 0.95 0.10 0.30 0.20 0.60 0.20 0.30 0.20 L T W c a b 3 4 4 2 3 Mounting Considerations Mount these devices with brown mark facing up. * Line width should be designed to provide 50 impedance matching characteristics. Units: mm 2.50 Solder Resist Land 1.05 1.40 * * 0.6 Through-hole ( 0.35) 1.0 1.9 Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 4001 Calle Tecate * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2007 Johanson Technology, Inc. All Rights Reserved High Frequency Ceramic Solutions 2.45 GHz Band Pass Filter Detail Specification: 08/12/08 P/N 2450BP39F100A Page 2 of 2 Typical Electrical Performance (T=25C) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 4001 Calle Tecate * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2007 Johanson Technology, Inc. All Rights Reserved |
Price & Availability of 2450BP39F100A |